Part Number Hot Search : 
T323033 15KPJ58 C486FD19 B3925 B3925 16373 BC857BL C486FD19
Product Description
Full Text Search
 

To Download CZRER10VB-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage 2.4 to 39 v olts power 150 mw atts page 1 features -150mw power dissipation. -high v oltages from 2.4 ~ 39 v . -designed for mounting on small surface. -extremely thin/leadless package. -constant voltage control. -pb free product. mechanical data -case: 0503 standard package /sod-723f molded plastic. -t erminals: gold plated, solderable per mil-std-750,method 2026. -polarity: indicated by cathode band. -w eight: 0.002 gram(approx.). maximum rating and electrical characteristics qw -a2006 rev :b op era tin g j un cti on an d s tor ag e t em pe rat ur e r an ge p ar am et er s ym bo l v al ue 0.9 15 0 -55 to +1 25 u ni t v mw fo rw ard cu rre nt , s ur ge pe ak 8.3 m s s ing le ha lf s ine -w av e s up eri mp os ed on ra te loa d( je de c me tho d ) 2.0 a i fsm p d v f t j o c maximum forward v oltage drop at i f = 10 ma o maximum power dissipation at 25 c pe ak es d vo lta ge ca pa bil ity (ie c 61 00 0-4 -2) 8 v pv kv czrer2v4b-hf thru czrer39vb-hf 0 . 0 5 3 ( 1 . 3 5 ) 0 . 0 4 5 ( 1 . 1 5 ) 0 . 0 3 4 ( 0 . 8 5 ) 0 . 0 2 6 ( 0 . 6 5 ) 0 . 0 3 0 ( 0 . 7 5 ) 0 . 0 2 4 ( 0 . 6 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0 . 0 2 2 ( 0 . 5 5 ) t y p . 0 . 0 1 6 ( 0 . 4 0 ) t y p . comchip t echnology co., l td. rohs device halogen free 0 5 0 3 / s o d - 7 2 3 f
smd zener diode page 2 o electrical characteristics(t a = 25c) part num ber m a rk in g cod e min max i z (ma ) max i z (ma ) max i z (ma ) max v r (v) v z (v) zzt( ohm ) zzk (ohm ) ir(u a) zene r v oltag e ope ratin g resi stan ce risi ng oper ating res istan ce rev erse curr ent c z r e r 2 v 4 b -h f c z r e r 2 v 7 b -h f c z r e r 3 v 0 b -h f c z r e r 3 v 3 b -h f c z r e r 3 v 6 b -h f c z r e r 3 v 9 b -h f c z r e r 4 v 3 b -h f c z r e r 4 v 7 b -h f c z r e r 5 v 1 b -h f c z r e r 5 v 6 b -h f c z r e r 6 v 2 b -h f c z r e r 6 v 8 b -h f c z r e r 7 v 5 b -h f c z r e r 8 v 2 b -h f c z r e r 9 v 1 b -h f c z r e r 1 0 v b -h f c z r e r 1 1 v b -h f c z r e r 1 2 v b -h f c z r e r 1 3 v b -h f c z r e r 1 5 v b -h f c z r e r 1 6 v b -h f c z r e r 1 8 v b -h f c z r e r 2 0 v b -h f c z r e r 2 2 v b -h f c z r e r 2 4 v b -h f c z r e r 2 7 v b -h f c z r e r 3 0 v b -h f c z r e r 3 3 v b -h f c z r e r 3 6 v b -h f c z r e r 3 9 v b -h f u 2 u 3 u 4 u 5 u 6 u 7 u 8 u 9 u a u b u c u e u f u g u h u j u k u m u n u p u q u r u s u t u u u v u w u x u y u z 2 .3 4 2 .6 3 2 .9 3 3 .2 2 3 .5 1 3 .8 0 4 .1 9 4 .5 8 4 .9 7 5 .4 6 6 .0 5 6 .6 3 7 .3 1 8 .0 0 8 .8 7 9 .7 5 1 0 .7 3 1 1 .7 0 1 2 .6 8 1 4 .6 3 1 5 .6 0 1 7 .5 5 1 9 .5 0 2 1 .4 5 2 3 .4 0 2 6 .3 3 2 9 .2 5 3 2 .1 8 3 5 .1 0 3 8 .0 3 2 .4 6 2 .7 7 3 .0 8 3 .3 8 3 .6 9 4 .0 0 4 .4 1 4 .8 2 5 .2 3 5 .7 4 6 .3 6 6 .9 7 7 .6 9 8 .4 1 9 .3 3 1 0 .2 5 1 1 .2 7 1 2 .3 0 1 3 .3 2 1 5 .3 7 1 6 .4 0 1 8 .4 5 2 0 .5 0 2 2 .5 5 2 4 .6 0 2 7 .6 7 3 0 .7 5 3 3 .8 2 3 6 .9 0 3 9 .9 7 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 0 0 1 0 0 9 5 9 5 9 0 9 0 8 8 7 0 5 0 2 5 1 0 8 7 7 1 0 1 5 1 8 2 2 2 5 3 2 3 6 4 2 4 8 5 5 6 2 7 0 7 8 8 8 9 5 1 3 0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 8 0 0 1 9 0 0 2 0 0 0 2 2 0 0 2 3 0 0 2 4 0 0 2 5 0 0 2 2 0 0 2 0 5 0 1 8 0 0 1 3 0 0 7 5 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 7 0 0 7 0 0 8 0 0 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 1 0 0 7 5 5 0 2 5 1 5 1 0 5 3 2 2 1 1 0 .5 0 .5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 1 1 1 1 1 1 1 1 .5 2 3 4 5 .2 6 6 .5 7 8 .4 9 .1 9 .9 1 1 1 2 1 4 1 5 1 7 1 8 2 1 2 3 2 5 2 7 3 0 8 rev :b comchip t echnology co., l td. qw -a2006
ra ting and characteristic cur ves (czrer2v4b-hf thru czrer39vb-hf) 1 0 0 m 1 0 m 1 m 1 0 0 1 0 1 1 0 0 n 1 0 n 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 f ig . 1 z e n e r v o lt a g e c h a r a c t e r is t ic s 3 . 6 3 . 9 4 . 3 4 . 7 5 . 1 5 . 6 6 . 2 6 . 8 7 . 5 8 . 2 9 . 1 1 0 1 1 1 2 1 3 1 5 1 6 3 0 2 7 2 4 2 2 2 0 1 8 3 3 3 6 3 0 0 2 0 0 1 0 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 f ig . 2 d e r a t in g c u r v e zener vol t age:v z (v) 0 . 1 0 i z =5ma 2 1 0 2 0 3 0 0 . 0 8 0 . 0 6 0 . 0 2 0 . 0 0 - 0 . 0 2 - 0 . 0 4 - 0 . 0 6 - 0 . 0 6 - 0 . 0 8 0 . 0 4 p o w e r d i s s i p a t i o n : p d ( m w ) f ig . 3 z e n e r v o lt a g e - t e m p . c o e f f ic ie n t c h a r a c t e r is t ic s z e n e r c u r r e n t : i z ( a ) z e n e r vol t a g e : v z (v ) o ambient tempera ture:t a( c) i z =500 a o t e m p c o e f f i c i e n t c h a r a c t e r i s t i c s ( % / c ) page 3 smd zener diode rev :b comchip t echnology co., l td. qw -a2006
page 4 smd zener diode i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 reel t aping specification ( m m ) ( i n c h ) 0 . 0 3 5 0 . 0 0 4 0 . 0 5 7 0 . 0 0 4 0 . 0 3 1 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 8 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . polarity 0 . 9 0 0 . 1 0 1 . 4 6 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 0 . 8 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 0 . 2 2 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 rev :b comchip t echnology co., l td. qw -a2006 0 5 0 3 ( s o d - 7 2 3 f ) 0 5 0 3 ( s o d - 7 2 3 f )
page 5 smd zener diode suggested p ad layout size (inch) 0.033 (mm) 0.85 0.55 0.85 0.022 0.033 1.40 0.055 e 0.30 0.012 standard package a b c d a c b e d rev :b comchip t echnology co., l td. qw -a2006 0 5 0 3 / s o d - 7 2 3 f c a s e t y p e q t y p e r r e e l ( p c s ) 4 0 0 0 0 5 0 3 / s o d - 7 2 3 f r e e l s i z e ( i n c h ) 7


▲Up To Search▲   

 
Price & Availability of CZRER10VB-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X